Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 793 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 793 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 789Page - Renesas Technology Corp SH7052 Datasheet HTML 790Page - Renesas Technology Corp SH7052 Datasheet HTML 791Page - Renesas Technology Corp SH7052 Datasheet HTML 792Page - Renesas Technology Corp SH7052 Datasheet HTML 793Page - Renesas Technology Corp SH7052 Datasheet HTML 794Page - Renesas Technology Corp SH7052 Datasheet HTML 795Page - Renesas Technology Corp SH7052 Datasheet HTML 796Page - Renesas Technology Corp SH7052 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 919 page
background image
767
21.8
Protection
There are two kinds of flash memory program/erase protection, hardware protection and software
protection.
21.8.1
Hardware Protection
Hardware protection refers to a state in which programming/erasing of flash memory is forcibly
disabled or aborted. Hardware protection is reset by settings in flash memory control register 1
(FLMCR1), erase block register 1 (EBR1) and erase block register 2 (EBR2). The FLMCR1, and
EBR1 settings are retained in the error-protected state. (See table 21.10.)
Table 21.10 Hardware Protection
Functions
Item
Description
Program
Erase
FWE pin protection
• When a low level is input to the FWE pin,
FLMCR1, FLMCR2, EBR1, and EBR2 are
initialized, and the program/erase-
protected state is entered.
Yes
Yes
Reset/standby
protection
• In a power-on reset (including a WDT
power-on reset) and in standby mode,
FLMCR1, FLMCR2, EBR1, and EBR2 are
initialized, and the program/erase-
protected state is entered.
• In a reset via the RES pin, the reset state
is not entered unless the RES pin is held
low until oscillation stabilizes after
powering on. In the case of a reset during
operation, hold the RES pin low for the
RES pulse width specified in the AC
Characteristics section. Do not execute a
reset during programming or erasing, as
the values in the flash memory are not
guaranteed if this is done. In this case,
execute an erase, then execute
programming once again.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com