Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 790 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 790 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 786Page - Renesas Technology Corp SH7052 Datasheet HTML 787Page - Renesas Technology Corp SH7052 Datasheet HTML 788Page - Renesas Technology Corp SH7052 Datasheet HTML 789Page - Renesas Technology Corp SH7052 Datasheet HTML 790Page - Renesas Technology Corp SH7052 Datasheet HTML 791Page - Renesas Technology Corp SH7052 Datasheet HTML 792Page - Renesas Technology Corp SH7052 Datasheet HTML 793Page - Renesas Technology Corp SH7052 Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 919 page
background image
764
After the elapse of the erase time, erase mode is exited. In exiting erase mode, the E1 bit in
FLMCR1 is cleared, then after an interval of t
CE or longer the ESU1 bit is cleared, and after a
further interval of t
CESU or longer the watchdog timer is halted.
Note:
With flash memory erasing, preprogramming (setting all memory data in the memory to
be erased to all “0”) is not necessary before starting the erase procedure.
21.7.4
Erase-Verify Mode
In erase-verify mode, data is read after memory has been erased to check whether it has been
correctly erased.
A transition to erase-verify mode is made by setting the E1 bit in FLMCR1 and waiting for an
interval of t
SEV. Before reading in erase-verify mode, perform a dummy write of H'FF data to the
read addresses, and then wait for an interval of t
SEVR or longer. When the flash memory is read in
this state (verify data is read in longword units), the data at the latched address is read. If the read
data has been erased (all “1”), a dummy write is performed to the next address, and erase-verify is
performed. The erase-verify operation is carried out on all the erase blocks; the erase block
register bit for an erased block should be cleared to prevent excessive application of the erase
voltage. Ensure that the operation is not repeated more than 100 times. When verification is
completed, exit erase-verify mode. Erase-verify mode is exited by clearing the EV1 bit in
FLMCR1, then waiting for an interval of t
CEV or longer. If erasure has been completed on all the
erase blocks, clear the SWE1 bit in FLMCR1. If there are any unerased blocks, make a 1-bit
setting for the flash memory area to be erased, and repeat the erase/erase-verify sequence as
before.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com