Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 798 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 798 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 794Page - Renesas Technology Corp SH7052 Datasheet HTML 795Page - Renesas Technology Corp SH7052 Datasheet HTML 796Page - Renesas Technology Corp SH7052 Datasheet HTML 797Page - Renesas Technology Corp SH7052 Datasheet HTML 798Page - Renesas Technology Corp SH7052 Datasheet HTML 799Page - Renesas Technology Corp SH7052 Datasheet HTML 800Page - Renesas Technology Corp SH7052 Datasheet HTML 801Page - Renesas Technology Corp SH7052 Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 919 page
background image
772
21.10
Note on Flash Memory Programming/Erasing
In the on-board programming modes (user mode and user program mode), NMI input should be
disabled to give top priority to the program/erase operations (including RAM emulation).
When reading flash memory after changing the SWE1 bit from 1 to 0 on completion of a
program/erase operation, wait for at least t
CSWE after clearing SWE1 to 0 before executing the flash
memory read. Regarding the timing of
RES input after changing the SWE1 bit from 1 to 0 on
completion of a program/erase operation, wait for at least t
CSWE after clearing SWE1 to 0 before
executing the reset operation.
21.11
Flash Memory Programmer Mode
Programs and data can be written and erased in programmer mode as well as in the on-board
programming modes. In programmer mode, flash memory read mode, auto-program mode, auto-
erase mode, and status read mode are supported. In auto-program mode, auto-erase mode, and
status read mode, a status polling procedure is used, and in status read mode, detailed internal
signals are output after execution of an auto-program or auto-erase operation.
In programmer mode, set the mode pins to programmer mode (see table 21.12) and input a 6 MHz
input clock, so that the SH7054F runs at 24 MHz.
Table 21.12 shows the pin settings for programmer mode. For the pin names in programmer mode,
see section 1.3.2, Pin Functions.
Table 21.12 PROM Mode Pin Settings
Pin Names
Settings
Mode pins: MD2, MD1, MD0
0, 1, 1
FWE pin
High level input (in auto-program and auto-erase
modes)
RES pin
Power-on reset circuit
XTAL, EXTAL, PLLV
CC, PLLCAP,
PLLV
SS pins
Oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com