Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 800 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 800 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 796Page - Renesas Technology Corp SH7052 Datasheet HTML 797Page - Renesas Technology Corp SH7052 Datasheet HTML 798Page - Renesas Technology Corp SH7052 Datasheet HTML 799Page - Renesas Technology Corp SH7052 Datasheet HTML 800Page - Renesas Technology Corp SH7052 Datasheet HTML 801Page - Renesas Technology Corp SH7052 Datasheet HTML 802Page - Renesas Technology Corp SH7052 Datasheet HTML 803Page - Renesas Technology Corp SH7052 Datasheet HTML 804Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 919 page
background image
774
SH7054F
Socket Adapter
(Conversion to 40-Pin
Arrangement)
Pin No.
Pin Name
188
189
190
191
192
193
195
197
198
199
200
201
202
203
204
206
208
1
2
35
36
37
38
39
40
41
43
119
121
120
28
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
D0
D1
D2
D3
D4
D5
D6
D7
CE
OE
WE
FWE
HN27C4096HG (40 Pins)
Pin No.
Pin Name
21
22
23
24
25
26
27
28
29
31
32
33
34
35
36
37
38
39
10
19
18
17
16
15
14
13
12
2
20
3
4
1,40
11,30
5,6,7
8
9
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
CE
OE
WE
FWE
VCC
VSS
NC
A20
A19
30
26
24
32
33
34
Other than the above
RES
XTAL
EXTAL
PLL VCC
PLLCAP
PLL VSS
NC (OPEN)
10, 13, 14, 17, 19, 22, 23, 27, 29, 42, 53
54, 74, 79, 95, 115, 123, 131, 141, 158,
174, 183, 194, 205
12, 15, 18, 21, 25, 31, 44, 55, 76, 81,
97, 117, 125, 133, 143, 160, 176, 185,
196, 207
VCC
VSS
Power-on
reset circuit
Oscillator circuit
PLL circuit
Legend
FWE:
Flash write enable
I/O7 to I/O0: Data input/output
A18 to A0:
Address input
CE:
Chip enable
OE:
Output enable
WE:
Write enable
Figure 21.20 Socket Adapter Pin Correspondence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com