Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 803 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 803 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 799Page - Renesas Technology Corp SH7052 Datasheet HTML 800Page - Renesas Technology Corp SH7052 Datasheet HTML 801Page - Renesas Technology Corp SH7052 Datasheet HTML 802Page - Renesas Technology Corp SH7052 Datasheet HTML 803Page - Renesas Technology Corp SH7052 Datasheet HTML 804Page - Renesas Technology Corp SH7052 Datasheet HTML 805Page - Renesas Technology Corp SH7052 Datasheet HTML 806Page - Renesas Technology Corp SH7052 Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 919 page
background image
777
CE
OE
CE
A18 to A0
OE
WE
I/O7 to I/O0
Note: Data is latched on the rising edge of WE.
tceh
twep
tf
tr
tces
tnxtc
Address stable
tds
tdh
Command write
Memory read mode
Figure 21.21 Timing Waveforms for Memory Read after Memory Write
Table 21.16 AC Characteristics in Transition from Memory Read Mode to Another Mode
(Conditions: V
CC = 3.3 V ±0.3 V, VSS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
µs
CE hold time
t
ceh
0ns
CE setup time
t
ces
0ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com