Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 806 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 806 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 802Page - Renesas Technology Corp SH7052 Datasheet HTML 803Page - Renesas Technology Corp SH7052 Datasheet HTML 804Page - Renesas Technology Corp SH7052 Datasheet HTML 805Page - Renesas Technology Corp SH7052 Datasheet HTML 806Page - Renesas Technology Corp SH7052 Datasheet HTML 807Page - Renesas Technology Corp SH7052 Datasheet HTML 808Page - Renesas Technology Corp SH7052 Datasheet HTML 809Page - Renesas Technology Corp SH7052 Datasheet HTML 810Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 919 page
background image
780
Table 21.18 AC Characteristics in Auto-Program Mode (Conditions: V
CC = 3.3 V ±0.3 V,
V
SS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
µs
CE hold time
t
ceh
0ns
CE setup time
t
ces
0ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
Status polling start time
t
wsts
1ms
Status polling access time
t
spa
150
ns
Address setup time
t
as
0ns
Address hold time
t
ah
60
ns
Memory write time
t
write
1
3000
ms
Write setup time
t
pns
100
ns
Write end setup time
t
pnh
100
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns
CE
A18 to A0
FWE
OE
WE
I/O7
I/O6
I/O5 to I/O0
tpns
twep
tds
tdh
tf
tr
tas
tah
twsts
twrite
tspa
tces
tceh
tnxtc
tnxtc
tpnh
Address
stable
H'40
H'00
Data transfer
1 to 128 bytes
Write operation end decision signal
Write normal end decision signal
Figure 21.25 Auto-Program Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com