Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 805Page - Renesas Technology Corp SH7052 Datasheet HTML 806Page - Renesas Technology Corp SH7052 Datasheet HTML 807Page - Renesas Technology Corp SH7052 Datasheet HTML 808Page - Renesas Technology Corp SH7052 Datasheet HTML 809Page - Renesas Technology Corp SH7052 Datasheet HTML 810Page - Renesas Technology Corp SH7052 Datasheet HTML 811Page - Renesas Technology Corp SH7052 Datasheet HTML 812Page - Renesas Technology Corp SH7052 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 919 page
background image
783
21.11.6
Status Read Mode
1. Status read mode is provided to identify the kind of abnormal end. Use this mode when an
abnormal end occurs in auto-program mode or auto-erase mode.
2. The return code is retained until a command write other than a status read mode command
write is executed.
Table 21.20 AC Characteristics in Status Read Mode (Conditions: V
CC = 3.3 V ±0.3 V,
V
SS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Read time after command write
t
nxtc
20
µs
CE hold time
t
ceh
0ns
CE setup time
t
ces
0ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
OE output delay time
t
oe
150
ns
Disable delay time
t
df
100
ns
CE output delay time
t
ce
150
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns
CE
A18 to A0
OE
WE
I/O7 to I/O0
twep
tf
tr
toe
tdf
tds
tds
tdh
tdh
tces
tceh
tce
tceh
tnxtc
tnxtc
tnxtc
tces
H'71
;;;;
twep
tf
tr
H'71
Note: I/O2 and I/O3 are undefined.
Figure 21.27 Status Read Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com