Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 813 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 813 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 809Page - Renesas Technology Corp SH7052 Datasheet HTML 810Page - Renesas Technology Corp SH7052 Datasheet HTML 811Page - Renesas Technology Corp SH7052 Datasheet HTML 812Page - Renesas Technology Corp SH7052 Datasheet HTML 813Page - Renesas Technology Corp SH7052 Datasheet HTML 814Page - Renesas Technology Corp SH7052 Datasheet HTML 815Page - Renesas Technology Corp SH7052 Datasheet HTML 816Page - Renesas Technology Corp SH7052 Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 919 page
background image
787
Section 22 RAM
22.1
Overview
The SH7052F has 12 kbytes of on-chip RAM, SH7053F and SH7054F each have 16 kbytes, of
on-chip RAM. The on-chip RAM is linked to the CPU, direct memory access controller (DMAC),
and advanced user debugger (AUD) with a 32-bit data bus (figure 22.1).
The CPU, DMAC, and AUD can access data in the on-chip RAM in 8, 16, or 32 bit widths. On-
chip RAM data can always be accessed in one state, making the RAM ideal for use as a program
area, stack area, or data area, which require high-speed access. The contents of the on-chip RAM
are held in both the sleep and software standby modes. When the RAME bit (see below) is cleared
to 0, the on-chip RAM contents are also held in hardware standby mode.
The on-chip RAM of SH7052F is allocated to addresses H'FFFF8000 to H'FFFFAFFF.Each on-
chip RAM of SH7053F and SH7054F is allocated to address H'FFFF8000 to H'FFFFBFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com