Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 817 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 817 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 813Page - Renesas Technology Corp SH7052 Datasheet HTML 814Page - Renesas Technology Corp SH7052 Datasheet HTML 815Page - Renesas Technology Corp SH7052 Datasheet HTML 816Page - Renesas Technology Corp SH7052 Datasheet HTML 817Page - Renesas Technology Corp SH7052 Datasheet HTML 818Page - Renesas Technology Corp SH7052 Datasheet HTML 819Page - Renesas Technology Corp SH7052 Datasheet HTML 820Page - Renesas Technology Corp SH7052 Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 919 page
background image
791
Section 23 Power-Down State
23.1
Overview
Three modes are provided as power-save modes, namely, the hardware standby, software standby
and sleep modes. Also, a module stop function is available to stop some modules. These standby
modes can be selected depending on applications to reduce the power consumption of the
SH7052F/SH7053F/SH7054F.
23.1.1
Power-Down States
The power-down state is effected by the following modes:
1. Hardware standby mode
A transition to hardware standby mode is made according to the input level of the
RES and
HSTBY pins.
In hardware standby mode, all SH7052F/SH7053F/SH7054F functions are halted.
This state is exited by means of a power-on reset.
2. Software standby mode
A transition to software standby mode is made by means of software (a CPU instruction).
In software standby mode, all SH7052F/SH7053F/SH7054F functions are halted.
This state is exited by means of a power-on reset or an NMI interrupt.
3. Sleep mode
A transition to sleep mode is made by means of a CPU instruction.
In software standby mode, basically only the CPU is halted, and all on-chip peripheral modules
operate.
This state is exited by means of a power-on reset, a manual reset, interrupt, or DMA address
error.
4. Module standby mode
Operation of the on-chip peripheral modules* which can be placed in a standby mode can be
stopped by stopping the clock supply. Clock supply to the individual modules can be
controlled by setting bits in the module standby control register (MSTCR).
Note: * AUD, H-UDI, and UBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com