Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 820 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 820 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 816Page - Renesas Technology Corp SH7052 Datasheet HTML 817Page - Renesas Technology Corp SH7052 Datasheet HTML 818Page - Renesas Technology Corp SH7052 Datasheet HTML 819Page - Renesas Technology Corp SH7052 Datasheet HTML 820Page - Renesas Technology Corp SH7052 Datasheet HTML 821Page - Renesas Technology Corp SH7052 Datasheet HTML 822Page - Renesas Technology Corp SH7052 Datasheet HTML 823Page - Renesas Technology Corp SH7052 Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 919 page
background image
794
23.2
Register Descriptions
23.2.1
Standby Control Register (SBYCR)
The standby control register (SBYCR) is an 8-bit readable/writable register that sets the transition
to standby mode, and the port state in standby mode. SBYCR is initialized to H'1F by a power-on
reset.
Bit:
7
6
5
4
3
2
1
0
SSBY
HIZ
—
—
—
—
—
—
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/W
R/W
R
R
R
R
R
R
• Bit 7—Software Standby (SSBY): Specifies transition to software standby mode. The SSBY
bit cannot be set to 1 while the watchdog timer is running (when the timer enable bit (TME) in
the WDT timer control/status register (TCSR) is set to 1). To enter software standby mode,
always halt the WDT by clearing the TME bit to 0, then set the SSBY bit.
Bit 7: SSBY
Description
0
Executing SLEEP instruction puts the SH7052F/SH7053F/SH7054F into sleep
mode
(Initial value)
1
Executing SLEEP instruction puts the SH7052F/SH7053F/SH7054F into
standby mode
• Bit 6—Port High Impedance (HIZ): In software standby mode, this bit selects whether to set
I/O port pins to high impedance or hold the pin state. The HIZ bit cannot be set to 1 when the
TME bit of the WDT timer control/status register (TCSR) is set to 1. When making the I/O
port pin state high impedance, always clear the TME bit to 0 before setting the HIZ bit.
Bit 6: HIZ
Description
0
Pin states held in software standby mode
(Initial value)
1
Pins go to high impedance in software standby mode
• Bit 5—Reserved: This bit always reads 0. The write value should always be 0.
• Bits 4 to 0—Reserved: These bits always read 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com