Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 819 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 819 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 815Page - Renesas Technology Corp SH7052 Datasheet HTML 816Page - Renesas Technology Corp SH7052 Datasheet HTML 817Page - Renesas Technology Corp SH7052 Datasheet HTML 818Page - Renesas Technology Corp SH7052 Datasheet HTML 819Page - Renesas Technology Corp SH7052 Datasheet HTML 820Page - Renesas Technology Corp SH7052 Datasheet HTML 821Page - Renesas Technology Corp SH7052 Datasheet HTML 822Page - Renesas Technology Corp SH7052 Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 919 page
background image
793
23.1.2
Pin Configuration
Pins related to power-down modes are shown in table 23.2.
Table 23.2
Pin Configuration
Pin Name
Abbreviation
I/O
Function
Hardware standby input pin
HSTBY
Input
Input level determines transition to
hardware standby mode
Power-on reset input pin
RES
Input
Power-on reset signal input pin
23.1.3
Related Registers
Table 23.3 shows the registers used for power-down state control.
Table 23.3
Related Registers
Initial
Address
Access
Name
Abbreviation
R/W
Value
Write
Read
Size
Standby control register
SBYCR*
1
R/W
H'1F
H'FFFFEC14
8
System control register
SYSCR*
1
R/W
H'01
H'FFFFF708
8
Module standby control
register
MSTCR*
1
R/W
H'01
H'FFFFF70A*
2 H'FFFFF70B*3 8, 16
Notes: 1. SBYCR is accessed in three cycles, SYSCR and MSTCR in four or five cycles.
2. Write data in word units. Data cannot be written in byte or longword units.
3. Read data in byte units. Values cannot be read correctly if data is read in word or
longword units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com