Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 821 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 821 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 817Page - Renesas Technology Corp SH7052 Datasheet HTML 818Page - Renesas Technology Corp SH7052 Datasheet HTML 819Page - Renesas Technology Corp SH7052 Datasheet HTML 820Page - Renesas Technology Corp SH7052 Datasheet HTML 821Page - Renesas Technology Corp SH7052 Datasheet HTML 822Page - Renesas Technology Corp SH7052 Datasheet HTML 823Page - Renesas Technology Corp SH7052 Datasheet HTML 824Page - Renesas Technology Corp SH7052 Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 919 page
background image
795
23.2.2
System Control Register (SYSCR)
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
—
AUDSRST
RAME
Initial value:
0
0
0
0
0
0
0
1
R/W:
R
R
R
R
R
R
R/W
R/W
The system control register (SYSCR) is an 8-bit readable/writable register that performs AUD
software reset control and enables or disables access to the on-chip RAM.
SYSCR is initialized to H'01 by a power-on reset.
• Bits 7 to 2—Reserved: These bits always read 0. The write value should always be 0.
• Bit1— AUD Software Reset (AUDSRST): This bit controls AUD reset using software. Setting
the AUDSRST bit to 1 places, the AUD module in the power-on reset state.
Bit 1: AUDSRST Description
0
AUD reset state cleared
1
AUD reset state entered
(Initial value)
• Bit 0—RAME Enable (RAME): Selects enabling or disabling of the on-chip RAM. When
RAME is set to 1, on-chip RAM is enabled. When RAME is cleared to 0, on-chip RAM cannot
be accessed. In this case, a read or instruction fetch from on-chip RAM will return an
undefined value, and a write to on-chip RAM will be ignored. The initial value of RAME is 1.
When on-chip RAM is disabled by clearing RAME to 0, do not place an instruction that
attempts to access on-chip RAM immediately after the SYSCR write instruction, as normal
access cannot be guaranteed in this case.
When on-chip RAM is enabled by setting RAME to 1, place an SYSCR read instruction
immediately after the SYSCR write instruction. Normal access cannot be guaranteed if an on-
chip RAM access instruction is placed immediately after the SYSCR write instruction.
Bit 0: RAME
Description
0
On-chip RAM disabled
1
On-chip RAM enabled
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com