Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 820Page - Renesas Technology Corp SH7052 Datasheet HTML 821Page - Renesas Technology Corp SH7052 Datasheet HTML 822Page - Renesas Technology Corp SH7052 Datasheet HTML 823Page - Renesas Technology Corp SH7052 Datasheet HTML 824Page - Renesas Technology Corp SH7052 Datasheet HTML 825Page - Renesas Technology Corp SH7052 Datasheet HTML 826Page - Renesas Technology Corp SH7052 Datasheet HTML 827Page - Renesas Technology Corp SH7052 Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 919 page
background image
798
23.3.3
Hardware Standby Mode Timing
Figure 23.2 shows sample pin timings for hardware standby mode. A transition to hardware
standby mode is made by driving the
HSTBY pin low after driving the RES pin low. Hardware
standby mode is canceled by driving
HSTBY high, waiting for clock oscillation to stabilize, then
switching
RES from low to high.
Oscillator
RES
HSTBY
RES pulse
width tRESW
Oscillation
settling
time
Reset
exception
processing
Figure 23.2 Hardware Standby Mode Timing
23.4
Software Standby Mode
23.4.1
Transition to Software Standby Mode
To enter software standby mode, set the software standby bit (SSBY) to 1 in SBYCR, then execute
the SLEEP instruction. The SH7052F/SH7053F/SH7054F switches from the program execution
state to software standby mode. In software standby mode, power consumption is greatly reduced
by halting not only the CPU, but the clock and on-chip peripheral modules as well. CPU register
contents and on-chip RAM data are held as long as the prescribed voltages are applied (when the
RAME bit in SYSCR is 0). The register contents of some on-chip peripheral modules are
initialized, but some are not (table 23.4). The I/O port state can be selected as held or high
impedance by the port high impedance bit (HIZ) in SBYCR. For other pin states, refer to
Appendix B Pin States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com