Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 823Page - Renesas Technology Corp SH7052 Datasheet HTML 824Page - Renesas Technology Corp SH7052 Datasheet HTML 825Page - Renesas Technology Corp SH7052 Datasheet HTML 826Page - Renesas Technology Corp SH7052 Datasheet HTML 827Page - Renesas Technology Corp SH7052 Datasheet HTML 828Page - Renesas Technology Corp SH7052 Datasheet HTML 829Page - Renesas Technology Corp SH7052 Datasheet HTML 830Page - Renesas Technology Corp SH7052 Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 919 page
background image
801
23.4.3
Software Standby Mode Application Example
This example describes a transition to software standby mode on the falling edge of the NMI
signal, and cancellation on the rising edge of the NMI signal. The timing is shown in figure 23.3.
When the NMI pin is changed from high to low level while the NMI edge select bit (NMIE) in
ICR is set to 0 (falling edge detection), the NMI interrupt is accepted. When the NMIE bit is set to
1 (rising edge detection) by the NMI exception service routine, the software standby bit (SSBY) in
SBYCR is set to 1, and a SLEEP instruction is executed, software standby mode is entered.
Thereafter, software standby mode is canceled when the NMI pin is changed from low to high
level.
Oscillator
CK
NMI pin
NMIE bit
SSBY bit
SH7055
state
Oscillation
start time
Program
execution
Exception
service routine
Software
standby mode
WDT
set time
NMI exception
processing
NMI
exception
processing
Oscillation settling time
Figure 23.3 Software Standby Mode NMI Timing (Application Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com