Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 829 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 829 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 825Page - Renesas Technology Corp SH7052 Datasheet HTML 826Page - Renesas Technology Corp SH7052 Datasheet HTML 827Page - Renesas Technology Corp SH7052 Datasheet HTML 828Page - Renesas Technology Corp SH7052 Datasheet HTML 829Page - Renesas Technology Corp SH7052 Datasheet HTML 830Page - Renesas Technology Corp SH7052 Datasheet HTML 831Page - Renesas Technology Corp SH7052 Datasheet HTML 832Page - Renesas Technology Corp SH7052 Datasheet HTML 833Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 919 page
background image
803
Section 24 Electrical Characteristics
24.1
Absolute Maximum Ratings
Table 24.1 shows the absolute maximum ratings.
Table 24.1
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Remarks
Power
supply
voltage
V
CC, PLLVCC
V
CC
–0.3 to +4.3
V
The PLLCAP, EXTAL,
XTAL, and CK pins are
concerned.
(The same voltage must be
used for V
CC and PLLVCC)
PV
CC1, PVCC2PVCC
–0.3 to +7.0
V
Except for the PLLCAP,
EXTAL, XTAL, and CK pins
and the analog input pin
Input
voltage
EXTAL
Vin
–0.3 to V
CC + 0.3
V
All pins other
than the analog
input pin and
EXTAL pin
Vin
–0.3 to PV
CC + 0.3
V
Refer to table 24.2
Analog power supply voltage AV
CC
–0.3 to +7.0
V
Analog reference voltage
AVref
–0.3 to AV
CC + 0.3
V
Analog input voltage
V
AN
–0.3 to AV
CC + 0.3
V
Operating temperature
(except when writing or
erasing flash EEPROM)
Topr
–40 to +85
°C
Operating temperature
(When writing or erasing
flash EEPROM)
TWEopr
–40 to +85
°C
Only when flash EEPROM
is written or erased
Storage temperature
Tstg
–55 to +125
°C
[Operating precautions]
Operating the LSI in excess of the absolute maximum ratings may result in permanent damage.
The two power supply voltages of PV
CC of 5V and VCC of 3V may be used simultaneously with the
LSI. Be sure to use the LSI in compliance with the connection of power pins, combination
conditions of applicable power supply voltages, voltage applicable to each pin, and conditions of
output voltage, as specified in the manual. Connecting a non-specified power supply or using the
LSI at an incorrect voltage may result in permanent damage of the LSI or the system that contains
the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com