Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 828 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 828 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 824Page - Renesas Technology Corp SH7052 Datasheet HTML 825Page - Renesas Technology Corp SH7052 Datasheet HTML 826Page - Renesas Technology Corp SH7052 Datasheet HTML 827Page - Renesas Technology Corp SH7052 Datasheet HTML 828Page - Renesas Technology Corp SH7052 Datasheet HTML 829Page - Renesas Technology Corp SH7052 Datasheet HTML 830Page - Renesas Technology Corp SH7052 Datasheet HTML 831Page - Renesas Technology Corp SH7052 Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 919 page
background image
802
23.5
Sleep Mode
23.5.1
Transition to Sleep Mode
Executing the SLEEP instruction after the software standby bit (SSBY) in SBYCR has been
cleared to 0 causes a transition from the program execution state to sleep mode. Although the CPU
halts immediately after executing the SLEEP instruction, the contents of its internal registers
remain unchanged. The on-chip peripheral modules continue to run during sleep mode.
23.5.2
Canceling Sleep Mode
Cancellation by Interrupt: When an interrupt occurs, sleep mode is canceled and interrupt
exception processing is executed. The sleep mode is not canceled if the interrupt cannot be
accepted because its priority level is equal to or less than the mask level set in the CPU’s status
register (SR) or if an interrupt by an on-chip peripheral module is disabled at the peripheral
module.
Cancellation by DMA Address Error: If a DMA address error occurs, sleep mode is canceled
and DMA address error exception processing is executed.
Cancellation by Manual Reset: When an internal manual reset is triggered by the WDT and the
CPU acquires the bus during the internal manual reset period, the state of the
SH7052F/SH7053F/SH7054F changes to the manual reset state and sleep mode will be released.
Cancellation by Power-On Reset: A power-on reset of the SH7052F/SH7053F/SH7054F
resulting from driving the
RES pin low, or caused by the WDT, cancels sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com