Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 822 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 822 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 818Page - Renesas Technology Corp SH7052 Datasheet HTML 819Page - Renesas Technology Corp SH7052 Datasheet HTML 820Page - Renesas Technology Corp SH7052 Datasheet HTML 821Page - Renesas Technology Corp SH7052 Datasheet HTML 822Page - Renesas Technology Corp SH7052 Datasheet HTML 823Page - Renesas Technology Corp SH7052 Datasheet HTML 824Page - Renesas Technology Corp SH7052 Datasheet HTML 825Page - Renesas Technology Corp SH7052 Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 919 page
background image
796
23.2.3
Module Standby Control Register (MSTCR)
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
MSTOP3

MSTOP0
Initial value:
0
0
0
0
0
0
0
1
R/W:
R
R
R
R
R/W
R
R
R/W
The module standby control register (MSTCR) is an 8-bit readable/writable register that controls
the standby state of the AUD, and UBC on-chip modules.
MSTCR is initialized to H'01 by a power-on reset.
Note:
The method of writing to MSTCR is different from that of ordinary registers to prevent
inadvertent rewriting. See section 23.2.4, Notes on Register Access, for more information.
• Bits 7 to 4—Reserved: These bits always read 0. The write value should always be 0.
• Bit 3—Module Stop 3 (MSTOP3): Specifies halting of the clock supply to the AUD on-chip
peripheral module. Setting the MSTOP3 bit to 1 stops the clock supply to the AUD. To cancel
halting of the clock supply to the AUD, first set the AUD software reset bit (AUDSRST) in the
system control register (SYSCR) to the AUD reset state value. Use of the AUD will then be
enabled by clearing the AUD reset.
Bit 3: MSTOP3
Description
0
AUD operates
(Initial value)
1
Clock supply to AUD stopped
• Bits 2 and 1—Reserved: These bits always read 0. The write value should always be 0.
• Bit 0—Module Stop 0 (MSTOP0): Specifies halting of the clock supply stop to the UBC on-
chip peripheral module.
Clearing the MSTOP0 bit to 0 starts the clock supply to the UBC.
Stopping clock supply to the UBC will reset the internal state of the UBC including its
registers.
Bit 0: MSTOP0
Description
0
UBC operates
1
Clock supply to UBC stopped
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com