Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 807Page - Renesas Technology Corp SH7052 Datasheet HTML 808Page - Renesas Technology Corp SH7052 Datasheet HTML 809Page - Renesas Technology Corp SH7052 Datasheet HTML 810Page - Renesas Technology Corp SH7052 Datasheet HTML 811Page - Renesas Technology Corp SH7052 Datasheet HTML 812Page - Renesas Technology Corp SH7052 Datasheet HTML 813Page - Renesas Technology Corp SH7052 Datasheet HTML 814Page - Renesas Technology Corp SH7052 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 919 page
background image
785
tosc1
tbmv
tdwn
VCC
RES
FWE
Memory read
mode
Command
wait state
Auto-program mode
Auto-erase mode
Command wait state
Normal/abnormal
end decision
Note: In modes other than auto-program mode and auto-erase mode, the FWE input pin should be
driven low.
Figure 21.28 Oscillation Stabilization Time, Boot Program Transfer Time, and
Power-Down Sequence
21.11.9
Notes on Memory Programming
1. When programming addresses which have previously been programmed, carry out auto-
erasing before auto-programming.
2. When performing programming using programmer mode on a chip that has been
programmed/erased in an on-board programming mode, auto-erasing is recommended before
carrying out auto-programming.
Notes: 1. The flash memory is initially in the erased state when the device is shipped by Hitachi.
For other chips for which the erasure history is unknown, it is recommended that auto-
erasing be executed to check and supplement the initialization (erase) level.
2. Auto-programming should be performed once only on the same address block.
Additional programming cannot be performed on previously programmed address
blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com