Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 804 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 804 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 800Page - Renesas Technology Corp SH7052 Datasheet HTML 801Page - Renesas Technology Corp SH7052 Datasheet HTML 802Page - Renesas Technology Corp SH7052 Datasheet HTML 803Page - Renesas Technology Corp SH7052 Datasheet HTML 804Page - Renesas Technology Corp SH7052 Datasheet HTML 805Page - Renesas Technology Corp SH7052 Datasheet HTML 806Page - Renesas Technology Corp SH7052 Datasheet HTML 807Page - Renesas Technology Corp SH7052 Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 919 page
background image
778
CE
A18 to A0
OE
WE
I/O7 to I/O0
Note: Do not enable WE and OE at the same time.
tceh
twep
tf
tr
tces
tnxtc
Address stable
tds
tdh
Other mode command write
Memory read mode
Figure 21.22 Timing Waveforms in Transition from Memory Read Mode to Another Mode
Table 21.17 AC Characteristics in Memory Read Mode (Conditions: V
CC = 3.3 V ±0.3 V,
V
SS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Access time
t
acc
20
µs
CE output delay time
t
ce
150
ns
OE output delay time
t
oe
150
ns
Output disable delay time
t
df
100
ns
Data output hold time
t
oh
5ns
CE
A18 to A0
OE
WE
I/O7 to I/O0
VIL
VIL
VIH
tacc
tacc
toh
toh
Address stable
Address stable
Figure 21.23
CE and OE Enable State Read Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com