Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 121Page - Renesas Technology Corp SH7052 Datasheet HTML 122Page - Renesas Technology Corp SH7052 Datasheet HTML 123Page - Renesas Technology Corp SH7052 Datasheet HTML 124Page - Renesas Technology Corp SH7052 Datasheet HTML 125Page - Renesas Technology Corp SH7052 Datasheet HTML 126Page - Renesas Technology Corp SH7052 Datasheet HTML 127Page - Renesas Technology Corp SH7052 Datasheet HTML 128Page - Renesas Technology Corp SH7052 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 919 page
background image
99
Section 7 User Break Controller (UBC)
7.1
Overview
The user break controller (UBC) provides functions that simplify program debugging. Break
conditions are set in the UBC and a user break interrupt is generated according to the conditions of
the bus cycle generated by the CPU or DMAC. This function makes it easy to design an effective
self-monitoring debugger, enabling the chip to easily debug programs without using a large in-
circuit emulator.
7.1.1
Features
The features of the user break controller are:
• The following break compare conditions can be set:
 Address
 CPU cycle/DMA cycle
 Instruction fetch or data access
 Read or write
 Operand size: byte/word/longword
• User break interrupt generated upon satisfying break conditions
A user-designed user break interrupt exception processing routine can be run.
• Select either to break in the CPU instruction fetch cycle before the instruction is executed or
after.
• Satisfaction of a break condition can be output to the UBCTRG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com