Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 184Page - Renesas Technology Corp SH7052 Datasheet HTML 185Page - Renesas Technology Corp SH7052 Datasheet HTML 186Page - Renesas Technology Corp SH7052 Datasheet HTML 187Page - Renesas Technology Corp SH7052 Datasheet HTML 188Page - Renesas Technology Corp SH7052 Datasheet HTML 189Page - Renesas Technology Corp SH7052 Datasheet HTML 190Page - Renesas Technology Corp SH7052 Datasheet HTML 191Page - Renesas Technology Corp SH7052 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 919 page
background image
162
Figure 9.7 shows an example of timing in indirect address mode when transfer source and indirect
address storage locations are in internal memory, the transfer destination is an on-chip peripheral
module with 2-cycle access space, and transfer data is 8-bit.
Since the indirect address storage destination and the transfer source are in internal memory, these
can be accessed in one cycle. The transfer destination is 2-cycle access space, so two data write
cycles are required. One NOP cycle is required until the data read as the indirect address is output
to the address bus.
Internal
address
bus
Internal
data
bus
DMAC
indirect
address
buffer
DMAC
data
buffer
CK
Internal memory space
→ Internal memory space
Transfer
source
address
NOP
NOP
Indirect
address
Transfer
destination
address
Indirect
address
Indirect
address
Transfer
data
Transfer data
Transfer data
Address
read cycle
NOP
cycle
Data
read cycle
Data write cycle (4th)
(1st)
(2nd)
(3rd)
Figure 9.7 Dual Address Mode and Indirect Address Transfer Timing Example 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com