Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 190Page - Renesas Technology Corp SH7052 Datasheet HTML 191Page - Renesas Technology Corp SH7052 Datasheet HTML 192Page - Renesas Technology Corp SH7052 Datasheet HTML 193Page - Renesas Technology Corp SH7052 Datasheet HTML 194Page - Renesas Technology Corp SH7052 Datasheet HTML 195Page - Renesas Technology Corp SH7052 Datasheet HTML 196Page - Renesas Technology Corp SH7052 Datasheet HTML 197Page - Renesas Technology Corp SH7052 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 919 page
background image
168
9.4
Examples of Use
9.4.1
Example of DMA Transfer between On-Chip SCI and External Memory
In this example, on-chip serial communication interface channel 0 (SCI0) receive data is
transferred to external memory using DMAC channel 0.
Table 9.5 indicates the transfer conditions and the set values of each of the registers.
Table 9.5
Transfer Conditions and Register Set Values for Transfer between On-chip SCI
and External Memory
Transfer Conditions
Register
Value
Transfer source: RDR0 of on-chip SCI0
SAR0
H'FFFFF005
Transfer destination: external memory
DAR0
H'00400000
Transfer count: 64 times
DMATCR0
H'00000040
Transfer source address: fixed
CHCR0
H'00020105
Transfer destination address: incremented
Transfer request source: SCI0 (RDR0)
Bus mode: cycle-steal
Transfer unit: byte
Interrupt request generation at end of transfer
DMAC master enable on
DMAOR
H'0001
9.4.2
Example of DMA Transfer between A/D Converter and On-Chip Memory
(Address Reload On)
In this example, on-chip A/D converter channel 0 is the transfer source and on-chip memory is the
transfer destination, and the address reload function is on.
Table 9.6 indicates the transfer conditions and the set values of each of the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com