Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 101Page - Renesas Technology Corp SH7708 Datasheet HTML 102Page - Renesas Technology Corp SH7708 Datasheet HTML 103Page - Renesas Technology Corp SH7708 Datasheet HTML 104Page - Renesas Technology Corp SH7708 Datasheet HTML 105Page - Renesas Technology Corp SH7708 Datasheet HTML 106Page - Renesas Technology Corp SH7708 Datasheet HTML 107Page - Renesas Technology Corp SH7708 Datasheet HTML 108Page - Renesas Technology Corp SH7708 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 633 page
background image
87
Table 4.3
Exception Codes (cont)
Exception Type
Exception Event
Exception Code
General interrupt requests
External hardware interrupts (cont):
(cont)
IRL3–IRL0 = 1001
H'320
IRL3–IRL0 = 1010
H'340
IRL3–IRL0 = 1011
H'360
IRL3–IRL0 = 1100
H'380
IRL3–IRL0 = 1101
H'3A0
IRL3–IRL0 = 1110
H'3C0
Peripheral module interrupt:
TMU0
TUNI0
H'400
TMU1
TUNI1
H'420
TMU2
TUNI2
H'440
TICPI2
H'460
RTC
ATI
H'480
PRI
H'4A0
CUI
H'4C0
SCI
ERI
H'4E0
RXI
H'500
TXI
H'520
TEI
H'540
WDT
ITI
H'560
REF
RCMI
H'580
ROVI
H'5A0
Note:
Exception codes H'120, H'140, and H'3E0 are reserved.
4.2.5
Exception Request Masks
When the BL bit in SR is cleared to 0, exceptions and interrupts are accepted.
If a general exception event occurs when the BL bit in SR is 1, the CPU’s internal registers are set
to their post-reset state, other module registers retain their contents prior to the general exception,
and a branch is made to the same address (H'A0000000) as for a reset.
If a general interrupt occurs when BL = 1, the request is masked (held pending) and not accepted
until the BL bit is cleared to 0 by software. For reentrant exception handling, the SPC and SSR
must be saved and the BL bit in SR cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com