Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 102Page - Renesas Technology Corp SH7708 Datasheet HTML 103Page - Renesas Technology Corp SH7708 Datasheet HTML 104Page - Renesas Technology Corp SH7708 Datasheet HTML 105Page - Renesas Technology Corp SH7708 Datasheet HTML 106Page - Renesas Technology Corp SH7708 Datasheet HTML 107Page - Renesas Technology Corp SH7708 Datasheet HTML 108Page - Renesas Technology Corp SH7708 Datasheet HTML 109Page - Renesas Technology Corp SH7708 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 633 page
background image
88
4.2.6
Returning from Exception Handling
The RTE instruction is used to return from exception handling. When RTE is executed, the SPC
value is set in the PC, and the SSR value in SR, and the return from exception handling is
performed by branching to the SPC address.
If the SPC and SSR have been saved in external memory, set the BL bit in SR to 1, then restore
the SPC and SSR, and issue an RTE instruction.
4.3
Register Description
There are three registers related to exception handling. These are peripheral module registers, and
therefore reside in area P4. They can be accessed by specifying the address in privileged mode
only.
1. The exception event register (EXPEVT) resides at address H'FFFFFFD4, and contains a 12-bit
exception code. The exception code set in EXPEVT is that for a reset or general exception
event. The exception code is set automatically by hardware when an exception occurs.
EXPEVT can also be modified by software.
2. The interrupt event register (INTEVT) resides at address H'FFFFFFD8, and contains a 12-bit
exception code. The exception code set in EXPEVT is that for an interrupt request. The
exception code is set automatically by hardware when an exception occurs. INTEVT can also
be modified by software.
3. The TRAPA exception register (TRA) resides at address H'FFFFFFD0, and contains 8-bit
immediate data (imm) for the TRAPA instruction. TRA is set automatically by hardware when
a TRAPA instruction is executed. TRA can also be modified by software.
The bit configurations of the EXPEVT, INTEVT, and TRA registers are shown in figure 4.3.
31
0
0 Exception code
imm
00
11
0
EXPEVT register and INTEVT register
8-bit immediate data in TRAPA instruction
imm:
0: Reserved bits, always read as zero
31
00
92
0
TRA register
Figure 4.3 Bit Configurations of EXPEVT, INTEVT, and TRA Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com