| Electronic Components Datasheet Search |
|
SH7708 Datasheet(PDF) 108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Datasheet(HTML) 108 Page - Renesas Technology Corp |
|
108 / 633 page ![]() 90 • The RB bit in SR is set to 1. • An encoded value identifying the exception event is written to bits 11–0 of the EXPEVT register. • Instruction execution jumps to the vector location designated by either the sum of the vector base address and offset H'00000400 in the vector table in a TLB miss trap, or by the sum of the vector base address and offset H'00000100 for exceptions other than TLB miss traps, to invoke the exception handler. 4.5 Individual Exception Operations This section describes the conditions for specific exception handling, and the processor operations. 4.5.1 Resets • Power-On Reset Conditions: BREQ pin high and RESET low Operations: EXPEVT set to H'000, VBR and SR initialized, branch to PC = H'A0000000. Initialization sets the VBR register to H'0000000. In SR, the MD, RB and BL bits are set to 1 and the IMASK field is set to B'1111. The CPU and on-chip supporting modules are initialized. See the register descriptions in the relevant sections for details. A power-on reset must always be performed when powering on. • Manual Reset Conditions: BREQ pin low and RESET low Operations: EXPEVT set to H'020, VBR and SR initialized, branch to PC = H'A0000000. Initialization sets the VBR register to H'0000000. In SR, the MD, RB, and BL bits are set to 1 and the IMASK field is set to B'1111. The CPU and on-chip supporting modules are initialized. See the register descriptions in the relevant sections for details. Table 4.4 Types of Reset Conditions for Transition to Reset State Internal State Type BREQ RESET CPU On-Chip Supporting Modules Power-on reset High Low Initialized (See register configuration in relevant sections) Manual reset Low Low Initialized |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |