Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7905 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 45Page - Renesas Technology Corp 7905 Datasheet HTML 46Page - Renesas Technology Corp 7905 Datasheet HTML 47Page - Renesas Technology Corp 7905 Datasheet HTML 48Page - Renesas Technology Corp 7905 Datasheet HTML 49Page - Renesas Technology Corp 7905 Datasheet HTML 50Page - Renesas Technology Corp 7905 Datasheet HTML 51Page - Renesas Technology Corp 7905 Datasheet HTML 52Page - Renesas Technology Corp 7905 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 565 page
background image
RESET
7905 Group User’s Manual Rev.1.0
3-4
3.1.3 Power-on reset
The following describes the operation of the microcomputer at power-on reset.
➀ After powered on, within the several ten cycles of fsys after the voltage level at pin Vcc meets the recommended
operating conditions with the voltage level at pin RESET = “L,” the microcomputer initializes pins; refer to
section “3.2 Pin state.”
➁ After the voltage level at pin RESET goes from “L” to “H,” the microcomputer initializes the CPU and
SFR area within a period of 8 to 9 cycles of fsys. (Contents of the internal RAM area become undefined;
refer to section “3.3 State of internal area.”)
➂ After ➁, the microcomputer performs “Internal processing sequence after reset.”; refer to section “3.4
Internal processing sequence after reset.”
➃ The microcomputer executes a program beginning with the address which has been set into the reset
vector addresses (addresses FFFE16 and FFFF16).
Fig. 3.1.4 Example of power-on reset circuit
3.1 Reset operation
1
VCC
IN
OUT
GND
Delay
capacity
RESET
VCC
VSS
47
Ω
SW
Cd
GND
3
2
5
5 V
M51957AL
M37905
27 k
Ω
10 k
Ω
4
✽
The delay time is about 11 ms when Cd = 0.033
µF.
td
≈ 0.34 ✕ Cd [µs], Cd: [pF]
Figure 3.1.3 shows the power-on reset conditions.
Figure 3.1.4 shows an example of a power-on reset
circuit.
After the voltage level at pin Vcc meets the
recommended operating conditions and the oscillator’s
operation is stabilized (See Figure 3.1.3.), apply “L”
level of voltage to pin RESET for 10
µs or more.
When an oscillator is used, the time required for
stabilizing oscillation depends on the oscillator. For
details, contact the oscillator manufacturer.
VCC
RESET
Powered on there
VCC level
0.2 VCC level
Oscillation stabilized
10
µs
XIN
0 V
0 V
0 V
Fig. 3.1.3 Power-on reset conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com