Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7905 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 55Page - Renesas Technology Corp 7905 Datasheet HTML 56Page - Renesas Technology Corp 7905 Datasheet HTML 57Page - Renesas Technology Corp 7905 Datasheet HTML 58Page - Renesas Technology Corp 7905 Datasheet HTML 59Page - Renesas Technology Corp 7905 Datasheet HTML 60Page - Renesas Technology Corp 7905 Datasheet HTML 61Page - Renesas Technology Corp 7905 Datasheet HTML 62Page - Renesas Technology Corp 7905 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 565 page
background image
RESET
7905 Group User’s Manual Rev.1.0
3-14
3.3 State of internal area
b7
b0
b7
b0
?
?
?
?
?
?
?
?
?
?
?
?
?
RW
?
00
00
000
RW
0
?
0
?
000
RW
0
?
000
RW
0
?
000
RW
0
?
000
RW
0
RW
00
00
0
?
RW
00
00
0
?
0
0
0
(Note 20)
(Note 20)
(Note 20)
(Note 20)
(Note 20)
(Note 20)
(Note 20)
(Note 20)
?
A-D register 9
A-D register 11
A-D register 10
A-D register 8
?
00
00
0
0
?
00
0
0
0
0
?
00
0
0
0
0
?
?
?
?
?
00
0
0
0
0
(Note 19)
(Note 19)
(Note 19)
(Note 19)
(Note 19)
(Note 19)
(Note 19)
(Note 19)
UART2 transmit interrupt control register
UART2 receive interrupt control register
RW
RW
?
0
0
?
000
0
00
(Note 20)
(Note 20)
(Note 20)
Register name
Address
Access characteristics
State immediately after reset
Timer A5 interrupt control register
Timer A7 interrupt control register
Timer A8 interrupt control register
Timer A9 interrupt control register
Timer A6 interrupt control register
INT7 interrupt control register
INT6 interrupt control register
INT5 interrupt control register
Notes 19: The access characteristics at addresses E016 to E716 vary according to the contents of the comparator function
select register 1 (address DD16). (Refer to “CHAPTER 12. A-D CONVERTER.”)
20: Do not write to this register.
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
EB16
EC16
ED16
EE16
EF16
EA16
q Internal RAM area
At hardware reset ................................................................................. Retains the state immediately before reset (Note 21).
At software reset.................................................................................................... Retains the state immediately before reset.
At termination of the stop or wait mode
(when hardware reset is used for the termination.)....................................Retains the state immediately before the STP or
WIT instruction is executed.
At power-on reset..................................................................................................................................................... Undefined.
Notes 21 : When a reset operation starts while writing to the internal RAM area is in process, the microcomputer will be
reset before the completion of writing. Accordingly, the contents of the area where the writing was in process
will become undefined.
Fig. 3.3.9 State of SFR and internal RAM areas immediately after reset (8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com