Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7905 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 25Page - Renesas Technology Corp 7905 Datasheet HTML 26Page - Renesas Technology Corp 7905 Datasheet HTML 27Page - Renesas Technology Corp 7905 Datasheet HTML 28Page - Renesas Technology Corp 7905 Datasheet HTML 29Page - Renesas Technology Corp 7905 Datasheet HTML 30Page - Renesas Technology Corp 7905 Datasheet HTML 31Page - Renesas Technology Corp 7905 Datasheet HTML 32Page - Renesas Technology Corp 7905 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 565 page
background image
7905 Group User’s Manual Rev.1.0
CENTRAL PROCESSING UNIT (CPU)
2.1 Central processing unit (CPU)
2-6
2.1.8 Direct page register 0 to 3 (DPR0 to DPR3)
Each of direct page registers 0 to 3 (hereafter called the “DPRi”) is a 16-bit register. The contents of this
register specify the direct page area in bank 016 or in the space across banks 016 and 116. The following
addressing modes use DPRi.
The contents of the DPRi indicate the base address (the lowest address) of the direct page area. The direct
page area is specified in the space above this address.
After reset, whether to use DPR0 only or DPR0 to DPR3 can be selected by the direct page register switch
bit. (See Figure 2.1.5). This selection specifies the direct page area. Table 2.1.1 lists the selection of the
direct page register. Figure 2.1.4 shows setting examples of the direct page area.
At reset, DPR0 = “000016,” and each of DPR1 to DPR3 becomes undefined.
q Addressing modes using direct page register
Table 2.1.1 Selection of direct page register
Usable DPRi
Direct page area
Direct page register switch bit
0
DPR0
256 bytes
1
DPR0 to DPR3
64 bytes at
each DPRi
Fig. 2.1.4 Setting examples of direct page area
• Direct
• Direct indexed X
• Direct indexed Y
• Direct indirect
• Direct indexed X indirect
• Direct indirect indexed Y
• Direct indirect long
• Direct indirect long indexed Y
• Direct bit relative
❈ Refer to “7900 Series Software Manual” for addressing modes and instructions.
1000F16
1000016
1000F16
Bank 016
016
016
FF16
12316
22216
FF1016
1000016
FFFF16
When DPR0 = 000016
When DPR0 = 012316
When DPR0 = FF1016
Note: When the low-order 8 bits of DPRi = “00,” the number of cycles required for address generation becomes 1 cycle smaller.
The direct page area is specified in space across banks 016
and 116 when DPR0 is “FF0116” or more.
s Direct page register switch bit = 0
016
3F16
4016
7F16
FFD016
FFFF16
Bank 016
When DPR0 = 000016
When DPR1 = 004016
When DPR3 = FFD016
80016
83F16
When DPR2 = 080016
s Direct page register switch bit = 1
016
The direct page area is specified in the space across banks 016
and 116 when DPRi is “FFC116” or more.
Bank 116
Bank 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com