Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS4C3F30L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS4C3F30L
Description  N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F30L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STS4C3F30L Datasheet HTML 3Page - STMicroelectronics STS4C3F30L Datasheet HTML 4Page - STMicroelectronics STS4C3F30L Datasheet HTML 5Page - STMicroelectronics STS4C3F30L Datasheet HTML 6Page - STMicroelectronics STS4C3F30L Datasheet HTML 7Page - STMicroelectronics STS4C3F30L Datasheet HTML 8Page - STMicroelectronics STS4C3F30L Datasheet HTML 9Page - STMicroelectronics STS4C3F30L Datasheet HTML 10Page - STMicroelectronics STS4C3F30L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STS4C3F30L
Electrical characteristics
7/14
Figure 7.
Gate charge vs gate-source voltage
n-ch
Figure 8.
Capacitance variations n-ch
Figure 9.
Normalized gate threshold voltage
vs temperature n-ch
Figure 10. Normalized on resistance vs
temperature n-ch
Figure 11. Source-drain diode forward
characteristics n-ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com