Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS4C3F30L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS4C3F30L
Description  N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F30L Datasheet(HTML) 4 Page - STMicroelectronics

  STS4C3F30L Datasheet HTML 1Page - STMicroelectronics STS4C3F30L Datasheet HTML 2Page - STMicroelectronics STS4C3F30L Datasheet HTML 3Page - STMicroelectronics STS4C3F30L Datasheet HTML 4Page - STMicroelectronics STS4C3F30L Datasheet HTML 5Page - STMicroelectronics STS4C3F30L Datasheet HTML 6Page - STMicroelectronics STS4C3F30L Datasheet HTML 7Page - STMicroelectronics STS4C3F30L Datasheet HTML 8Page - STMicroelectronics STS4C3F30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STS4C3F30L
4/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS = 0
n-ch
p-ch
30
30
V
V
IDSS
Zero gate voltage
drain current
(VGS = 0)
VDS = Max rating
VDS = Max rating,@125°C
n-ch
p-ch
1
1
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
n-ch
p-ch
±100
±100
nA
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
n-ch
p-ch
1
1
1.6
1.6
2.5
2.5
V
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 2A
VGS = 10V, ID = 1.5A
VGS = 4.5V, ID = 2A
VGS = 4.5V, ID = 1.5A
n-ch
p-ch
n-ch
p-ch
0.044
0.145
0.051
0.160
0.055
0.165
0.065
0.20
Ω
Ω
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS >ID(on)xRDS(on)max,
ID=3.5A
VDS >ID(on)xRDS(on)max,
ID=2A
n-ch
p-ch
6
4
S
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
220
420
115
95
23
30
pF
pF
pF
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
N-channel
VDD = 24V, ID = 5 A
VGS = 10V
P-channel
VDD =15V, ID = 3 A
VGS = 4.5V
(see Figure 24)
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
9.5
4.8
2.25
1.7
1.7
2
2
7
nC
nC
nC
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com