Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS4C3F30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS4C3F30L
Description  N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F30L Datasheet(HTML) 3 Page - STMicroelectronics

  STS4C3F30L Datasheet HTML 1Page - STMicroelectronics STS4C3F30L Datasheet HTML 2Page - STMicroelectronics STS4C3F30L Datasheet HTML 3Page - STMicroelectronics STS4C3F30L Datasheet HTML 4Page - STMicroelectronics STS4C3F30L Datasheet HTML 5Page - STMicroelectronics STS4C3F30L Datasheet HTML 6Page - STMicroelectronics STS4C3F30L Datasheet HTML 7Page - STMicroelectronics STS4C3F30L Datasheet HTML 8Page - STMicroelectronics STS4C3F30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STS4C3F30L
Electrical ratings
3/14
1
Electrical ratings
Note:
For the P-channel MOSFET actual polarity of voltages and current has to be reversed
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
N-channel
P-channel
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)30
V
VGS
Gate- source voltage
± 16
V
ID
Drain current (continuos) at TC = 25°C S.O.
5
2.7
A
ID
Drain current (continuos) at TC = 100°C S.O.
3.2
1.7
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
20
11
A
PTOT
Total dissipation at TC = 25°C D.O.
Total dissipation at TC = 25°C S.O.
1.6
2
W
W
Tstg
Storage temperature
-60 to 150
W/°C
Tj
Max. operating junction temperature
150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case S.O.
62.5
°C/W
Thermal resistance junction-case D.O.
78.0
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com