Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7340P Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7340P
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340P Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7340P Datasheet HTML 3Page - STMicroelectronics TDA7340P Datasheet HTML 4Page - STMicroelectronics TDA7340P Datasheet HTML 5Page - STMicroelectronics TDA7340P Datasheet HTML 6Page - STMicroelectronics TDA7340P Datasheet HTML 7Page - STMicroelectronics TDA7340P Datasheet HTML 8Page - STMicroelectronics TDA7340P Datasheet HTML 9Page - STMicroelectronics TDA7340P Datasheet HTML 10Page - STMicroelectronics TDA7340P Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STEREO DECODER PART
ELECTRICAL CHARACTERISTICS (VS = 9V; modulation frequency: 1KHz; de-emphasis time:
T= 50
µs; nominal MPX input voltage: VMPX = 0.5VRMS (75KHz deviation); GI = 3.5dB; Tamb =27°C; un-
less otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
MPX Input Level
0.5
1.25
VRMS
RIN
Input Resistance
35
50
65
K
GMIN
Minimum Input Gain
2.5
3.5
4.5
dB
GMAX
Maximum Input Gain
9.5
11
12.5
dB
GSTEP
Step Resolution
1.75
2.5
3.25
dB
SVRR
Supply Voltage Ripple Rejection
VRIPPLE = 100mV; f = 1KHz
50
60
dB
VO
DC Output Voltage (HCL, HCR)
4.2
4.5
4.8
V
α
Channel Separation
VSB -VR = 100mVDC
50
dB
THD
Total Harmonic distortion
0.02
0.2
%
S
+ N
N
Signal plus noise to noise ratio
f = 200Hz to 16KHz; S = 2VRMS
91
dB
CARRIER AND HARMONIC SUPPRESSION AT THE OUTPUT
α19
Pilot Signal f = 19KHz
55
75
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
INTERMODULATION (note 1)
α2fmod = 10KHz; fspur = 1KHz
65
dB
α3fmod = 13KHz; fspur = 1KHz
75
dB
TRAFFIC RADIO (note 2)
α57
Signal f = 57KHz
70
dB
SCA - SUBSIDIARY COMMUNICATIONS AUTHORIZATION (note 3)
α67
Signal f = 67KHz
75
dB
ACI - ADJACENT CHANNEL INTERFERENCE (note4)
α114
Signal f = 114KHz
95
dB
α190
Signal f = 190KHz
84
dB
MONO/ STEREO SWITCH
VINTH
Pilot Threshold Voltage
for stereo ”ON” Pth =1
Pth =0
11
18
15
25
22
34
mVRMS
mVRMS
VINTH
Pilot Threshold Voltage
for stereo ”OFF” Pth =1
Pth =0
6
13
12
19
18
25
mVRMS
mVRMS
STEREO BLEND
VSB-VR
Control Voltage for Channel
Separation
α = 6dB; VR = 3.6V (note 5)
-0.31
-0.26
-0.23
V
VSB-VR
Control Voltage for Channel
Separation
α = 26dB;
-50
mV
HIGH CUT CONTROL
τdeemp
De-Emphasis Time Constant
C13,C14 = 1nF; VHCC-VR = 100mV
50
µs
RHCC
High Cut Control Resistance
VHCC-VR = 100mV
50
K
RHCC
High Cut Control Resistance
VHCC-VR = -1.3V (note 6)
115
150
185
K
VCO
fOSC
Oscillator Frequency
456
∆f/f
Capture and Holding Range
1
TDA7340
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com