Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7340P Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7340P
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340P Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7340P Datasheet HTML 4Page - STMicroelectronics TDA7340P Datasheet HTML 5Page - STMicroelectronics TDA7340P Datasheet HTML 6Page - STMicroelectronics TDA7340P Datasheet HTML 7Page - STMicroelectronics TDA7340P Datasheet HTML 8Page - STMicroelectronics TDA7340P Datasheet HTML 9Page - STMicroelectronics TDA7340P Datasheet HTML 10Page - STMicroelectronics TDA7340P Datasheet HTML 11Page - STMicroelectronics TDA7340P Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
NOISE INTERFERENCE DETECTOR
VTR
Trigger Threshold (1)
(see pulse slope fig 3)
meas. with
VRECT = 1.2V
NTB = 00
100
mVP
NTB = 10
130
mVP
NTB = 11
170
mVP
meas. with
VRECT = 1.4V
NTB = 00
150
mVP
NTB = 10
200
mVP
NTB = 11
250
mVP
VRECT
Rectifier Voltage
VMPXIN = 0mV
0.5
0.9
1.3
V
VMPXIN = 50mV;f = 150KHz
1.5
V
VMPXIN = 100mV; f = 150KHz
2.0
2.5
3.0
V
TS
Suppression Pulse Duration
CBLANK = 470pF
40
µs
IOS
Input Offset Current During
Suppression Time
10
pA
(1) NTB represent the STDEC programming bit pair D6,D5 for the noise blanker trigger threshold
NOTES TO THE CHARACTERISTICS
1 INTERMODULATION SUPPRESSION
α2 =
VO
(signal)(at1KHz)
VO
(spurious)(at1KHZ)
;fs = (2 x 10KHz) - 19KHz
α3 =
VO
(signal)(at1KHz)
VO
(spurious)(at1KHZ)
;fs = (3 x 13KHz) - 38KHz
measured with : 91% mono signal; 9% pilot signal; fm=10KHz or 13KHz
2. TRAFFIC RADIO (V.F.) suppression
α57 (V.W.F.)
=
VO(signal) (at1KHz)
VO
(spurious
) (at1KHZ ±23Hz)
measured with : 91% stereo signal; 9% pilot signal; fm=1KHz; 5% subcarrier
(f=57KHz, fm = 23Hz AM, m = 60%)
3. SCA (SUBSIDIARY COMMUNICATIONS AUTHORIZATION)
α67
=
VO(signal) (at1KHz)
VO
(spurious)(at9KHZ)
;fs = (2 x 38KHz) - 67KHz
measured with : 81% mono signal; 9% pilot signal; fm=1KHz;
10% SCA - subcarrier (fs = 67KHz, unmodulated)
4. ACI (ADJACENT CHANNEL INTERFERENCE)
α114 =
VO (signal)
(at1KHz)
VO
(spurious)(at4KHZ)
;fs = 110KHz - (3 x 38KHz)
α190 =
VO
(signal)
(at1KHz)
VO
(spurious)(at4KHZ)
;fs = 186KHz - (5 x 38KHz)
measured with : 90% mono signal; 9% pilot signal; fm=1KHz; 1% spurious signal
(fs = 110KHz or 186KHz, unmodulated)
TDA7340
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com