Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7340P Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7340P
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340P Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7340P Datasheet HTML 1Page - STMicroelectronics TDA7340P Datasheet HTML 2Page - STMicroelectronics TDA7340P Datasheet HTML 3Page - STMicroelectronics TDA7340P Datasheet HTML 4Page - STMicroelectronics TDA7340P Datasheet HTML 5Page - STMicroelectronics TDA7340P Datasheet HTML 6Page - STMicroelectronics TDA7340P Datasheet HTML 7Page - STMicroelectronics TDA7340P Datasheet HTML 8Page - STMicroelectronics TDA7340P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DIFFERENTIAL CD STEREO INPUT
RI
Input Resistance
Input selector BIT D6 = 0 (0dB)
10
15
20
K
Input selector BIT D6 = 1(-6dB)
14
20
30
K
CMRR
Common Mode Rejection Ratio
VCM =1VRMS ;
f = 1KHz
f = 10KHz
48
75
dB
45
70
dB
d
Distortion
VI =1VRMS
0.01
0.08
%
eIN
Input Noise
20Hz to 20KHz; Flat; D6 = 0
5
µV
GDIFF
Differential Gain
D6 = 0
-1
0
1
dB
D6 = 1
-7
-6
-5
dB
DIFFERENTIAL TELEPHONE MONO INPUT
RI
Input Resistance
14
20
26
K
CMRR
Common Mode Rejection Ratio
VCM =1VRMS ; f = 1KHz
45
60
dB
d
Distortion
VI =1VRMS
0.15
0.5
%
eIN
Input Noise
20Hz to 3 KHz; Flat
10
µV
GDIFF
Differential Gain
-4.75
-3.75
-2.75
dB
VOLUME CONTROL
RI
Input Resistance (INR, INL)
24
35
46
K
CMAX
Max Gain
18.75
20
21.25
dB
AMAX
Max Attenuation
57.7
59.7
62.7
dB
ASTEPC
Step Resolution Coarse
Attenuation
0.50
1.25
2.00
dB
ASTEPF
Step Resolution Fine
Attenuation
0.11
0.31
0.51
dB
EA
Attenuation Set Error
G = -20 to 20dB
-1.25
0
1.25
dB
G = -20 to -59.7dB
3
2
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
-3
0.1
3
mV
from 0dB to AMAX
0.5
5
mV
LOUDNESS CONTROL (LOUDL, LOUDR)
RI
Internal Resistance
35
50
65
K
ASTEP
Step Resolution
0.5
1.25
2.0
dB
AMAX
Max Attenuation
17.5
18.75
20.0
dB
ZERO CROSSING MUTE
VTH
Zero Crossing Threshold (1)
WIN = 11
20
mV
WIN = 10
40
mV
WIN = 01
80
mV
WIN = 00
160
mV
AMUTE
Mute Attenuation
80
100
dB
VDC
DC Step
0dB to Mute
0.3
3
mV
SOFT MUTE
AMUTE
Mute Attenuation
45
60
dB
tD
Delay Time
CEXT = 22nF;
I = IMAX
0 to -20dB;
I = IMIN
0.8
1.5
2.0
ms
15
25
45
ms
(1) WIN represents the MUTE programming bit pair D6,D5 for the zero crossing window threshold
TDA7340
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com