Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7427 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7427
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7427 Datasheet HTML 9Page - STMicroelectronics TDA7427 Datasheet HTML 10Page - STMicroelectronics TDA7427 Datasheet HTML 11Page - STMicroelectronics TDA7427 Datasheet HTML 12Page - STMicroelectronics TDA7427 Datasheet HTML 13Page - STMicroelectronics TDA7427 Datasheet HTML 14Page - STMicroelectronics TDA7427 Datasheet HTML 15Page - STMicroelectronics TDA7427 Datasheet HTML 16Page - STMicroelectronics TDA7427 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Byte Specification
CHARGE PUMP CONTROL
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
High current = 0mA
0
0
0
1
High current = 0.5mA
0
0
1
0
High current = 1.0mA
0
0
1
1
High current = 1.5mA
0
1
0
0
High current = 2.0mA
0
1
0
1
High current = 2.5mA
0
1
1
0
High current = 3.0mA
0
1
1
1
High current = 3.5mA
1
0
0
0
High current = 4.0mA
1
0
0
1
High current = 4.5mA
1
0
1
0
High current = 5.0mA
1
0
1
1
High current = 5.5mA
1
1
0
0
High current = 6.0mA
1
1
0
1
High current = 6.5mA
1
1
1
0
High current = 7.0mA
1
1
1
1
High current = 7.5mA
0
0
Low current = 0
µA
0
1
Low current = 50
µA
1
0
Low current = 100
µA
1
1
Low current = 150
µA
0
Select low Current
1
Select high Current
1
Select loop filter LP_FM
0
Select loop filter LP_AM
LPIN1/2 CURRH
B1
B0
A3
A2
A1
A0
Subaddress = 00H
PLL COUNTER 1 (LSB)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
000
0
0000
LSB = 0
000
0
0001
LSB = 1
000
0
0010
LSB = 2
111
1
1100
LSB = 252
111
1
1101
LSB = 253
111
1
1110
LSB = 254
111
1
1111
LSB = 255
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Bit name
Subaddress = 01H
TDA7427
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com