Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7427 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7427
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7427 Datasheet HTML 13Page - STMicroelectronics TDA7427 Datasheet HTML 14Page - STMicroelectronics TDA7427 Datasheet HTML 15Page - STMicroelectronics TDA7427 Datasheet HTML 16Page - STMicroelectronics TDA7427 Datasheet HTML 17Page - STMicroelectronics TDA7427 Datasheet HTML 18Page - STMicroelectronics TDA7427 Datasheet HTML 19Page - STMicroelectronics TDA7427 Datasheet HTML 20Page - STMicroelectronics TDA7427 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
OSCILLATOR ADJUST
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
0
0
0
0
0
Cload 1,2 = 3pF
X
X
X
0
0
0
0
1
Cload 1,2 = 4.25pF
X
X
X
0
0
0
1
0
Cload 1,2 = 5.5pF
X
X
X
0
0
0
1
1
Cload 1,2 = 6.75pF
X
X
X
0
0
1
0
0
Cload 1,2 = 8pF
X
X
X
0
0
1
0
1
Cload 1,2 = 9.25pF
X
X
X
0
0
1
1
0
Cload 1,2 = 10.5pF
X
X
X
0
0
1
1
1
Cload 1,2 = 11.75pF
X
X
X
0
1
0
0
0
Cload 1,2 = 13pF
X
X
X
0
1
0
0
1
Cload 1,2 = 14.25pF
X
X
X
0
1
0
1
0
Cload 1,2 = 15.5pF
X
X
X
0
1
0
1
1
Cload 1,2 = 16.75pF
X
X
X
0
1
1
0
0
Cload 1,2 = 18pF
X
X
X
0
1
1
0
1
Cload 1,2 = 19.25pF
X
X
X
0
1
1
1
0
Cload 1,2 = 20.5pF
X
X
X
0
1
1
1
1
Cload 1,2 = 21.75pF
X
X
X
1
0
0
0
0
Cload 1,2 = 23pF
X
X
X
1
0
0
0
1
Cload 1,2 = 24.25pF
X
X
X
1
0
0
1
0
Cload 1,2 = 25.5pF
X
X
X
1
0
0
1
1
Cload 1,2 = 26.75pF
X
X
X
1
0
1
0
0
Cload 1,2 = 28pF
X
X
X
1
0
1
0
1
Cload 1,2 = 29.25pF
X
X
X
1
0
1
1
0
Cload 1,2 = 30.5pF
X
X
X
1
0
1
1
1
Cload 1,2 = 31.75pF
X
X
X
1
1
0
0
0
Cload 1,2 = 33pF
X
X
X
1
1
0
0
1
Cload 1,2 = 34.25pF
X
X
X
1
1
0
1
0
Cload 1,2 = 35.5pF
X
X
X
1
1
0
1
1
Cload 1,2 = 36.75pF
X
X
X
1
1
1
0
0
Cload 1,2 = 38pF
X
X
X
1
1
1
0
1
Cload 1,2 = 39.25pF
X
X
X
1
1
1
1
0
Cload 1,2 = 40.5pF
X
X
X
1
1
1
1
1
Cload 1,2 = 41.75pF
-
-
-
OSC4
OSC3
OSC2
OSC1
OSC0 Bit name
Subaddress = 0AH
PORT EXTENSION CONTROL
MSB
LSB
FUNCTION
D7
D6
D2
D0
0
CMOS push-pull DOUT1 low
1
CMOS push-pull DOUT1 high
0
NPN opencollector DOUT3 inactive
1
NPN opencollector DOUT3 active
0
0
always ”0” in application mode
-
-
DOUT3
DOUT1
Bit name
Subaddress = 0BH
TDA7427
18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com