Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7427 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7427
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7427 Datasheet HTML 12Page - STMicroelectronics TDA7427 Datasheet HTML 13Page - STMicroelectronics TDA7427 Datasheet HTML 14Page - STMicroelectronics TDA7427 Datasheet HTML 15Page - STMicroelectronics TDA7427 Datasheet HTML 16Page - STMicroelectronics TDA7427 Datasheet HTML 17Page - STMicroelectronics TDA7427 Datasheet HTML 18Page - STMicroelectronics TDA7427 Datasheet HTML 19Page - STMicroelectronics TDA7427 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
IF COUNTER REFERENCE CONTROL 2 (MSB) AND IF COUNTER MODE SELECT
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
000
00
MSB = 0
0
0
0
0
0
0
0
1
MSB = 256
0
0
0
0
0
0
1
0
MSB = 512
1
1
1
1
0
1
MSB = 15616
1
1
1
1
1
0
MSB = 15872
1
1
1
1
1
1
MSB = 16128
0
0
NOT USED IN APPLICATION MODE
0
1
IF counter FM mode
1
0
IF counter AM mode
1
1
IF counter AM 10.7MHz upconversion mode
IFCM1 IFCM0 IRC13
IRC12
IRC11
IRC10
IRC9
IRC8
Bit name
Subaddress = 07H
fosc/ftim = LSB + MSB + 1
IF COUNTER CONTROL 1
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
don’t use
0
0
1
don’t use
01
1
EW delta f =
±6.25kHz (FM); ±1kHz (AM; AM-UPC)
10
0
EW delta f =
±12.5kHz (FM); ±2kHz (AM; AM-UPC)
1
0
1
EW delta f =
±25kHz (FM); ±4kHz (AM; AM-UPC)
1
1
0
EW delta f =
±50Hz (FM); ±8kHz (AM; AM-UPC)
11
1
EW delta f =
±100kHz (FM); ±16kHz (AM; AM-
UPC)
X
X
X
X
don’t use
0
IF counter disabled / stand by
1
IF counter enabled
FENA
FR3
FR2
FR1
FR0
EW2
EW1
EW0
Bit name
Subaddress = 08H
TDA7427
16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com