Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7430 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7430 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 7430 Datasheet HTML 3Page - STMicroelectronics 7430 Datasheet HTML 4Page - STMicroelectronics 7430 Datasheet HTML 5Page - STMicroelectronics 7430 Datasheet HTML 6Page - STMicroelectronics 7430 Datasheet HTML 7Page - STMicroelectronics 7430 Datasheet HTML 8Page - STMicroelectronics 7430 Datasheet HTML 9Page - STMicroelectronics 7430 Datasheet HTML 10Page - STMicroelectronics 7430 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SURROUND SOUND MATRIX
TEST CONDITION (Phase Resistor Selection D0=0, D1=1, D2=0. D3=1, D4=0, D5=1, D6=0, D7=1
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GOFF
In-phase Gain (OFF)
Mode OFF , Input signal of
1kHz, 1.4 Vp-p,Rin
→ Rout
Lin
→ Lout
-1
0
1
dB
DGOFF
LR In-phase Gain Difference
(OFF)
Mode OFF , Input signal of
1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
-1
0
1
dB
GMOV
In-phase Gain (Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
8dB
DGMOV
LR In-phase Gain Difference
(Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)– (Lin → Lout)
0dB
GMUS
In-phase Gain (Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout), (Lin → Lout)
7dB
DGMUS
LR In-phase Gain Difference
(Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)-(Lin → Lout)
0dB
LMON1
Simulated L Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p,Rin and Lin
→ Lout
4.5
dB
LMON2
Simulated L Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p,Rin and Lin
→ Lout
–4.0
dB
LMON3
Simulated L Output 3
Simulated Mode, EffectCtrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p,Rin and Lin
→ Lout
7.0
dB
RMON1
Simulated R Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p,Rin and Lin
→Rout
– 4.5
dB
RMON2
Simulated R Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p,Rin and Lin
→Rout
3.8
dB
RMON3
Simulated R Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p,Rin and Lin
→ Rout
–20
dB
RLP1
Low Pass Filter Resistance
7
10
13
K
Ω
RHPI
High Pass Filter Resistance
42
60
78
K
Ω
RLPF
LP Pin Impedance
7
10
13
K
Ω
TDA7430 - TDA7431
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com