Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7430 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7430 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 7430 Datasheet HTML 9Page - STMicroelectronics 7430 Datasheet HTML 10Page - STMicroelectronics 7430 Datasheet HTML 11Page - STMicroelectronics 7430 Datasheet HTML 12Page - STMicroelectronics 7430 Datasheet HTML 13Page - STMicroelectronics 7430 Datasheet HTML 14Page - STMicroelectronics 7430 Datasheet HTML 15Page - STMicroelectronics 7430 Datasheet HTML 16Page - STMicroelectronics 7430 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
BASS SELECTION
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
0
000
-14
0
001
-12
0
010
-10
0
011
-8
0
100
-6
0
101
-4
0
110
-2
0
111
0
1
111
0
1
110
2
1
101
4
1
100
6
1
011
8
1
010
10
1
001
12
1
000
14
NATURAL BASE
0
NBRIN, NBRO, NBLIN,
NBLO PIN ACTIVE
1
NO NBRIN, NBRO, NBLIN,
NBLO PIN
SPEAKER/RECORD ATT. R & L SELECTION
MSB
LSB
SPEAKER/RECORD ATT
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
000
0
001
-1
010
-2
011
-3
100
-4
101
-5
110
-6
111
-7
8 dB STEPS
0000
0
0001
-8
0010
-16
0011
-24
0100
-32
0101
-40
0110
-48
0111
-56
1000
-64
1001
-72
MUTE
101
X
11
X
X
X = INDIFFERENT 0,1
SPEAKER/RECORD ATTENUATION = 0dB
∼ -79dB
TDA7430 - TDA7431
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com