Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7430 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7430 Datasheet(HTML) 4 Page - STMicroelectronics

  7430 Datasheet HTML 1Page - STMicroelectronics 7430 Datasheet HTML 2Page - STMicroelectronics 7430 Datasheet HTML 3Page - STMicroelectronics 7430 Datasheet HTML 4Page - STMicroelectronics 7430 Datasheet HTML 5Page - STMicroelectronics 7430 Datasheet HTML 6Page - STMicroelectronics 7430 Datasheet HTML 7Page - STMicroelectronics 7430 Datasheet HTML 8Page - STMicroelectronics 7430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
Ma x.
85
°C/W
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
9
10.2
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio V out = 1Vrms (mode = OFF)
106
dB
SC
Channel Separation f = 1KHz
90
dB
Treble Control
(2db step)
-14
+14
dB
Middle Control (2db step)
-14
+14
dB
Bass Control (2dB step)
-14
+14
dB
Balance Control
1dB step (LCH, RCH)
-79
0
dB
Mute Attenuation
100
dB
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
11
V
Tamb
Operating Ambient Temperature
-10 to 85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TDA7430 - TDA7431
4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com