Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063NAD Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063NAD
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063NAD Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP34063NAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
4/10
FSP34063
(2) Step-Down Converter
Test
Conditions
Results
Line Regulation
Vin=12V to 24V, IO=500mA
20mV=0.2%
Load Regulation
Vin=24V, IO=50mA to 500mA
5mV=0.05%
Output Ripple
Vin=24V, IO=500mA
160mVPP
Efficiency
Vin=24V, IO=500mA
82%
IN5819
5
pF
Vin
100µH
1.25V
25V
CT
-
+
Regulator
R
36k
5.0V/500mA
1.0µH
Rsc
2
S
Optional Filter
25k
Vcc
R2
Vout
8
Co
Q1
CT
6
1
Ipk
Q2
R1
Vout
3
Q
470
7
Comparator
470µF
Oscillator
4
470µF
Reference
0.11
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com