Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063NAD Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063NAD
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063NAD Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP34063NAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
1/10
FSP34063
PIN CONFIGURATION
(Top View)
REPRESENTATIVE SCHEMATIC DIAGRAM
FEATURES
Operation from 3.0V to 40V Input
Low Standby Current
Current Limiting
Output Switch Current to 1.6A
Output Voltage Adjustable
Frequency Operation to 100kHz
Precision 2% Reference
SOP8L and PDIP8L Packages
GENERAL DESCRIPTION
The FSP34063 Series is a monolithic control circuit
containing the primary functions required for DC-to-DC
converters. These devices consists of an internal
temperature compensated reference, comparator,
controlled duty cycle oscillator with an active current
limit circuit, driver and high current output switch. This
series is specifically designed for incorporating in
Step-Down
and
Step-Up
and
Voltage-Inverting
applications with a minimum number of external
components.
8
7
6
5
1
2
3
4
Switch Collector
Switch Emitter
Timing Capacitor
Gnd
Driver
IPK sensor
VCC
Comparator inverting input
Inverting
R
6
Comparator
Q
7
Vcc
100
Q1
8
Ipk Sensor
-
+
Regulator
Collector
Gnd
Reference
Driver
Q2
1.25V
4
Capacitor
Oscillator
Timing
CT
Emitter
Ipk
Sw itch
3
Collector
2
Sw itch
1
Input
S
Comparator
5


Similar Part No. - FSP34063NAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSP3-277-20KA ETC2-FSP3-277-20KA Datasheet
582Kb / 1P
Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
FSP3-480-20KA ETC2-FSP3-480-20KA Datasheet
582Kb / 1P
Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
logo
FSP TECHNOLOGY INC.
FSP30-ZZAP050M FSP-FSP30-ZZAP050M Datasheet
94Kb / 1P
High Efficiency & Long Life
FSP30-ZZAP060M FSP-FSP30-ZZAP060M Datasheet
94Kb / 1P
High Efficiency & Long Life
FSP30-ZZAP070M FSP-FSP30-ZZAP070M Datasheet
94Kb / 1P
High Efficiency & Long Life
More results

Similar Description - FSP34063NAD

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
Industrial Standard, Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
Universal DC To DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com