Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063NAD Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063NAD
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063NAD Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP34063NAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063NAD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
6/10
FSP34063
TYPICAL CHARACTERISTICS
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
0.6
0.8
1.0
1.2
1.4
Ie, Emitter Current(A)
Vce(sat) vs Ie
0 10 20 30 4050 60 70 8090 100
1.245
1.24
1.25
1.255
1.26
Temperature(℃)
Reference Voltage vs Temperature
0 10 203040 50 60 7080 90 100
340
320
380
420
440
Temperature(℃)
Current Sense Voltage vs
Temperature
360
400
510
15 20 25 30 35 40
0
0.0
1.0
2.0
3.0
4.0
Vcc, Supply Voltage(V)
Standby Supply Current
vs Supply Voltage
0.5
1.5
2.5
3.5
100 300
700
900 1100 1300 1500
1.5
1.4
1.6
1.7
1.8
Ie(mA)
Emitter Follower Configuration Output
Saturation Voltage vs Emitter Current
1.45
1.55
1.65
1.75
Pin1,7,8=Vcc
Pin3,5=GND
Vcc=2~10V
TA=25℃
Output Switch On-Off Time vs
Oscillator Timing Capacitor
CT,Oscilllator Timing Capacitor(nF)
0.01
0.1
1
10
1000
100
10
1
0.1
ton
toff
Vcc=5.0V
TA=25℃
Pin7=Vcc
Pin5=GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com