Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7476 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics TDA7476 Datasheet HTML 10Page - STMicroelectronics TDA7476 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TURN-ON DIAGNOSTIC - THRESHOLDS
CH1, CH2, CH3, CH4, CH5
Output voltage during test. (The power amplifier must be in ST-BY mode).
Note: some faults can mask others if they are present at the same moment on the same channel:
- If there is a short to GND and an open load on the same channel, the TDA7476 gives information
only about one of them, depending on the wire on which the short circuit is present.
- The short circuit to GND masks any short circuit across the load.
- The short circuit to Vs masks any short or open load.
The minimum voltage of the AUX IN pin to sense the open load condition is 2V.
The minimum voltage of the AUX IN pin to detect the short circuit to GND, by sensing the drop on the
resistors is 4.5V. If this voltage falls below 2V, the AUX in is considered short circuited to GND. From
2V to 4.5V the sensing circuit can detect a short circuit in both ways (by sensing across the resistor or
through the voltage between the AUX IN pin and GND).
PERMANENT DIAGNOSTIC - THRESHOLDS
CH1, CH2, CH3, CH4, CH5
The circuit will recognize as a fault condition any situation where the following short circuit voltages
last more than 2 sec (typ).
Output voltage
AUX1 - AUX2
The voltage across the resistors Rsens1 or Rsens2 is sensed. The circuit will recognize as a fault con-
dition any situation where the following voltages last more than 2sec (typ) in the region ”S.C.to GND”
or ”open load”.
The minimum voltage of the AUX IN pins to sense the open load condition is 2V.
The minimum voltage of the AUX IN pin to detect the short circuit to GND by sensing drop on the re-
sistor is 4.5V. If this voltage is below 2V, the AUX line is considered short circuited to GND. From 2V
to 4.5V the sensing circuit can detect a short circuit in both ways (by sensing across the resistor or
through the voltage between the AUX IN pin and GND).
S.C. across Load
x
Open Load
0V
22mV
220mV
VS
x
Normal Operation
5mV
550mV
D97AU631A
AUX1 - AUX2
Voltage across the sensing resistors.
S.C. to GND
x
Open Load
VS
0.5V
125mV
0V
x
Normal Operation
0.75V
85mV
D97AU572
S.C. to GND
x
S.C. to Vs
0V
1.2V
VS-1.3
VS
x
Normal Operation
0.8V
VS-0.7V
D97AU573A
S.C. to GND
x
Open Load
VS
0.5V
125mV
0V
x
Normal Operation
0.75V
85mV
D97AU574
Voltage across the load during test. (The power amplifier must be in ST-BY mode).
D96AU502A
S.C. to GND
x
S.C. to Vs
0V
1.2V
VS-1.3
VS
x
Normal Operation
0.8V
VS-0.7V
TDA7476
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com