Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7476 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7476 Datasheet HTML 1Page - STMicroelectronics TDA7476 Datasheet HTML 2Page - STMicroelectronics TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
On bridge (or bridge equivalent) devices if there is no short circuit to GND or to Vs, Isource goes into
saturation mode (for Vout > 3V), and in the load flows Isink. As the turn-on diagnostic thresholds are
fixed, it is possible to calculate the ranges of loudspeaker resistance in which short circuit, normal op-
eration and open load are detected.
For example, here below are two cases, with Rcs = 3.3KOhm and Rcs = 1.8KOhm. (RL = Vthr*/Isink).
S.C. across Load
x
Open Load
0
Ω
1.1
Ω
11
Ω
infinite
x
Normal Operation
0.27
Ω
27
Ω
D96AU500
S.C. across Load
x
Open Load
0
Ω
2
Ω
20
Ω
infinite
x
Normal Operation
0.5
Ω
50
Ω
The exact values of the above mentioned resistive ranges may vary a little, depending on the power
amplifier used. These values for the various possible ST power amplifiers will be communicated later.
When single-ended devices are used and the application circuit is as shown in fig. 5,6, it is necessary
to use:
- a greater timing capacitor so that the time tm is high and the outputs of the amplifiers are able to rise
over 1V;
- a resistor RCS 1.5 times higher than that used for the bridge amplifiers.
In this case, the loudspeaker resistance ranges in which short circuit, normal operation and open load
are detected will be as follows with Rcs = 4.7KOhm and Rcs = 2.7KOhm (RL = Vthr/Isource)
S.C. across Load
x
Open Load
0
Ω
1.9
Ω
19
Ω
infinite
x
Normal Operation
0.47
Ω
47
Ω
D96AU501
S.C. across Load
x
Open Load
0
Ω
1.1
Ω
11
Ω
infinite
x
Normal Operation
0.27
Ω
27
Ω
The exact values of the above mentioned resistive ranges may vary a little, depending on the power
amplifier used. These values will be communicated later.
Turn-on diagnostic - CH1, CH2, CH3, CH4, CH5 - Short to GND and Vs.
To detect if there is short circuit to GND or Vs, the subsonic current pulse is exploited. The information
related to the status of the outputs are measured and memorized at the top of the current pulse (tm in
fig.1). If no faults are present, the pins connected to the audio outputs (CH1,..CH5) will reach about 3V.
If one or more outputs are shorted to GND, these voltages become lower than 3V.
If one or more outputs are shorted to Vs, the output voltage increases over 3V.
The fault status can be know by sensing the output voltages. The reason way voltage threshold has
been preferred instead of a current threshold to declare short circuit resistor ranges is two fold:
1) The amplifier can drain current in the resistive path of the short circuit, hence this current and conse-
quently the short circuit resistor cannot be determined with a sufficient level of accuracy.
2) The voltage difference between the car radio ground (reference) and the position of the chassis of the
car where the loudspeaker line is connected (due to an accidental short circuit) can be up to some
hundreds of mV. This does not permit a correct measure of the short circuit resistor.
Rcs = 3.3k
Ω
Rcs = 1.8k
Ω
Rcs = 4.7k
Ω
Rcs = 2.7k
Ω
(*) Vthr is the threshold described in the table on page 3/14 - 4/14 (for example Pgnd-min, Pvs - max, Pnop - min, Pnop - max etc..)
TDA7476
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com