Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7476 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics TDA7476 Datasheet HTML 10Page - STMicroelectronics TDA7476 Datasheet HTML 11Page - STMicroelectronics TDA7476 Datasheet HTML 12Page - STMicroelectronics TDA7476 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SOFTWARE SPECIFICATIONS
The TDA7476 is activated by turning-on the ST-BY pin (CMOS compatible). In this condition it waits for
the I
2CBus addressing byte ADD1 (WRITE to TDA7476)
ADD1
S
010001A
0
ACK
P
This sequence (where the bit 0 of ADD1 is at 0 level) enables the acquisition routine and starts the single
pulse (containing infrasonic harmonics) for the test. During this period the data regarding all the outputs
are memorized.
After a period Twait1 that depends on the value of the timing capacitor (see Timing) the
µP redirects the
TDA7476 by the byte ADD2.
ADD2
S
010001A
1
ACK
BYTE 1
ACK
BYTE 2
ACK
BYTE 3
ACK
STOP
The byte ADD2 contains the bit 0 at 1 level. This enables the reading mode, TDA7476’s. The 3 bytes
with the diagnostic information BYTE1, BYTE2, BYTE3 (READ FROM TDA7476) are now transmitted to
the
µP.
The address of TDA7476 is selected using pin ADD (pin 4) .
If ADD is connected to ground, then A = 0 and the TDA7476 address is 0100010X.
If ADD is connected to 5V, than A = 1 and the TDA7476 address is 0100011X
The TDA7476 provides two types of diagnostic information:
A) TURN-ON DIAGNOSTIC - The first time that the TDA7476 is addressed by I
2CBus, the more com-
plete set of diagnostic information is activated:
- CH1, CH2, CH3, CH4, CH5
Short Circuit to GND
Short Circuit to Vs
Open Load (*)
Short Circuit across the load (*)
(*) Detected if the power amplifiers are in ST-BY condition.
- AUX1, AUX2
Short Circuit to GND (*)
Open Load (*)
(*) Detected if the high side drivers attached to the Aux outputs are ON.
Here following the turn-on diagnostic output bytes
TDA7476
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com