Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7561 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7561
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7561 Datasheet HTML 3Page - STMicroelectronics TDA7561 Datasheet HTML 4Page - STMicroelectronics TDA7561 Datasheet HTML 5Page - STMicroelectronics TDA7561 Datasheet HTML 6Page - STMicroelectronics TDA7561 Datasheet HTML 7Page - STMicroelectronics TDA7561 Datasheet HTML 8Page - STMicroelectronics TDA7561 Datasheet HTML 9Page - STMicroelectronics TDA7561 Datasheet HTML 10Page - STMicroelectronics TDA7561 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
TDA7561
Figure 6. Distortion vs. Output Power (2
Ω)
Figure 7. Distortion vs. Frequency (4
Ω)
Figure 8. Distortion vs. Frequency (2
Ω)
Figure 9. Crosstalk vs. Frequency
Figure 10. Supply Voltage Rejection
vs.Frequency
Figure 11. Power Dissipation & Efficiency
vs.Output Power (4
Ω, SINE)
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
Vs = 14.4 V
RL = 2 Ohm
f = 1 KHz
0.01
10
100
1000
10000
f (Hz)
0.1
1
10
THD (%)
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
Vs = 14.4 V
RL = 2 Ohm
Po = 8 W
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
SVR (dB)
Rg = 600 Ohm
Vripple = 1 Vpk
0
2
4
6
8
101214161820222426
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
n
Ptot
Vs = 14.4 V
RL = 4x4 Ohm
f= 1 KHz SINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com