Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7561 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7561
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7561 Datasheet HTML 8Page - STMicroelectronics TDA7561 Datasheet HTML 9Page - STMicroelectronics TDA7561 Datasheet HTML 10Page - STMicroelectronics TDA7561 Datasheet HTML 11Page - STMicroelectronics TDA7561 Datasheet HTML 12Page - STMicroelectronics TDA7561 Datasheet HTML 13Page - STMicroelectronics TDA7561 Datasheet HTML 14Page - STMicroelectronics TDA7561 Datasheet HTML 15Page - STMicroelectronics TDA7561 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TDA7561
12/19
S. GND (so) / S. GND (sk) in the above table make a distinction according to which of the 2 outputs is shorted
to ground (test-current source side= so, test-current sink side = sk). More precisely, so = CH+, sk = CH-.
In Permanent Diagnostic the table is the same, with only a difference concerning Open Load(*) , which is not
among the recognisable faults. Should an Open Load be present during the device's normal working, it would
be detected at a subsequent Turn on Diagnostic cycle (i.e. at the successive Car Radio Turn on).
FAULTS AVAILABILITY
All the results coming from I2Cbus, by read operations, are the consequence of measurements inside a defined
period of time. If the fault is stable throughout the whole period, it will be sent out.
To guarantee always resident functions, every kind of diagnostic cycles (Turn on, Permanent, Offset) will be
reactivate after any I2C reading operation. So, when the micro reads the I2C, a new cycle will be able to start,
but the read data will come from the previous diag. cycle (i.e. The device is in Turn On state, with a short to Gnd,
then the short is removed and micro reads I2C. The short to Gnd is still present in bytes, because it is the result
of the previous cycle. If another I2C reading operation occurs, the bytes do not show the short). In general to
observe a change in Diagnostic bytes, two I2C reading operations are necessary.
I2C PROGRAMMING/READING SEQUENCE
A correct turn on/off sequence respectful of the diagnostic timings and producing no audible noises could be as
follows (after battery connection):
TURN-ON: (STAND-BY OUT + DIAG ENABLE) --- 500 ms (min) --- MUTING OUT
TURN-OFF: MUTING IN --- 20 ms --- (DIAG DISABLE + STAND-BY IN)
Car Radio Installation: DIAG ENABLE (write) --- 200 ms --- I2C read (repeat until All faults disappear).
OFFSET TEST: Device in Play (no signal) -- OFFSET ENABLE - 30ms - I2C reading (repeat I2C reading until
high-offset message disappears).
I2C BUS INTERFACE
Data transmission from microprocessor to the TDA7561 and viceversa takes place through the 2 wires I2C BUS
interface, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage must be connect-
ed).
Data Validity
As shown by fig. 19, the data on the SDA line must be stable during the high period of the clock.
The HIGH and LOW state of the data line can only change when the clock signal on the SCL line is LOW.
Start and Stop Conditions
As shown by fig. 20 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH.
The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
Byte Format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transferred first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com