Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7561 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7561
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7561 Datasheet HTML 1Page - STMicroelectronics TDA7561 Datasheet HTML 2Page - STMicroelectronics TDA7561 Datasheet HTML 3Page - STMicroelectronics TDA7561 Datasheet HTML 4Page - STMicroelectronics TDA7561 Datasheet HTML 5Page - STMicroelectronics TDA7561 Datasheet HTML 6Page - STMicroelectronics TDA7561 Datasheet HTML 7Page - STMicroelectronics TDA7561 Datasheet HTML 8Page - STMicroelectronics TDA7561 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
TDA7561
CDLK
Clip Det High Leakage Current
CD off
0
15
µA
CDSAT
Clip Det Sat. Voltage
CD on; ICD = 1mA
150
300
mV
CDTHD
Clip Det THD level
1
2
%
TURN ON DIAGNOSTICS 1 (Power Amplifier Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in st-by condition
1.2
V
Pvs
Short to Vs det. (above this limit,
the Output isconsidered in Short
Circuit to VS)
Vs -1.2
V
Pnop
Normal operation thresholds.
(Within these limits, the Output
is considered without faults).
1.8
Vs -1.8
V
Lsc
Shorted Load det.
0.5
Ω
Lop
Open Load det.
130
Ω
Lnop
Normal Load det.
1.5
70
Ω
TURN ON DIAGNOSTICS 2 (Line Driver Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in st-by
1.2
V
Pvs
Short to Vs det. (above this limit,
the Output isconsidered in Short
Circuit to VS)
Vs -1.2
V
Pnop
Normal operation thresholds.
(Within these limits, the Output is
considered without faults).
1.8
Vs -1.8
V
Lsc
Shorted Load det.
1.5
&
Lop
Open Load det.
400
&
Lnop
Normal Load det.
4.5
200
&
PERMANENT DIAGNOSTICS 2 (Power Amplifier Mode or Line Driver Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in Mute or Play,
one or more short circuits
protection activated
1.2
V
Pvs
Short to Vs det. (above this limit,
the Output is considered in Short
Circuit to VS)
Vs -1.2
V
Pnop
Normal operation thresholds.
(Within these limits, the Output is
considered without faults)
1.8
Vs -1.8
V
ELECTRICAL CHARACTERISTCS (continued)
(Refer to the test circuit, VS = 14.4V; RL = 4
Ω; f = 1KHz;Tamb = 25°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com