Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7575
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7575 Datasheet HTML 8Page - STMicroelectronics TDA7575 Datasheet HTML 9Page - STMicroelectronics TDA7575 Datasheet HTML 10Page - STMicroelectronics TDA7575 Datasheet HTML 11Page - STMicroelectronics TDA7575 Datasheet HTML 12Page - STMicroelectronics TDA7575 Datasheet HTML 13Page - STMicroelectronics TDA7575 Datasheet HTML 14Page - STMicroelectronics TDA7575 Datasheet HTML 15Page - STMicroelectronics TDA7575 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TDA7575
12/17
Afterwards, when the Amplifier is biased, the PERMANENT diagnostic takes place. The previous Turn On state
is kept until a short appears at the outputs.
Fig A: Turn - On diagnostic: working principle
Fig. B and C show SVR and OUTPUT waveforms at the turn-on (stand-by out) with and without TURN-ON DI-
AGNOSTIC.
Fig B: SVR and Output behaviour
CASE 1: without turn-on diagnostic
FIG. C: SVR and Output pin behaviour
CASE 2: with turn-on diagnostic
CH-
CH+
Isource
Vs~5V
Isink
t (ms)
I (mA)
Isink
Isource
~100mS
Measure time
Bias (power amp turn-on)
t
Diagnostic Enable
(Permanent)
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
FAULT
event
Read Data
Bias (power amp turn-on)
permitted time
Turn-on diagnostic
acquisition time (100mS Typ)
t
Read Data
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
Diagnostic Enable
(Turn-on)
Turn-on Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
Diagnostic Enable
(Permanent)
FAULT
event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com